Part Number Hot Search : 
UM4300 MC3463 UTC3414 945ETTS 0J1R0E PC110 HMBT468 SMV1129
Product Description
Full Text Search
 

To Download 2N2905AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N2905AL
Type 2N2905AL
Geometry 0600 Polarity PNP Qual Level: JAN - JANS
Features: * * * * * * General-purpose transistor for switching and amplifier applicatons. Housed in a TO-5 case. Also available in chip form using the 0600 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/290 which Semicoa meets in all cases. The Typ values are actual batch averages for Semicoa. Radiation Graphs available.
Generic Part Number: 2N2905A
REF: MIL-PRF-19500/290
TO-5
Maximum Ratings
TC = 25oC unless otherwise specified
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Operating Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC TJ TSTG
Rating
60 60 5.0 600 -65 to +200 -65 to +200
Unit
V V V mA
o
C C
o
Data Sheet No. 2N2905AL
Electrical Characteristics
TC = 25oC unless otherwise specified
OFF Characteristics
Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 10 mA Emitter-Base Breakdown Voltage IE = 10 A Collector-Emitter Cutoff Current VCE = 30 V Collector-Base Cutoff Current VCB = 50 V Emitter-Base Cutoff Current VEB = 3.5 V
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICES ICBO IEBO
Min
60 60 5.0 -------
Typ
100 70 9.0 1.0 0.25 0.1
Max
------50 10 50
Unit
V V V nA nA nA
ON Characteristics
DC Current Gain IC = 100 A, VCE = 10 V IC = 1.0 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 150 mA, VCE = 10 V (pulse test) IC = 500 mA, VCE = 10 V (pulse test) Collector-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test) IC = 500 mA, IB = 50 mA (pulse test) Base-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test) IC = 500 mA, IB = 50 mA (pulse test)
Symbol
hFE1 hFE2 hFE3 hFE4 hFE5 VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2
Min
75 100 100 100 50 ---------
Typ
225 250 --180 80 0.18 0.5 0.87 1.0
Max
--450 --300 --0.4 1.6 1.3 2.6
Unit
----------V dc V dc V dc V dc
Small Signal Characteristics
Short Circuit Forward Current Transfer Ratio IC = 1 mA, VCE = 10 V, f = 1kHz Open Circuit Output Capacitance VCB = 10 V, IE = 0 V, 100 kHz < f < 1 MHz Input Capacitance, Output Open Circuited VEB = 2.0 V, IC = 0, 100 kHz < f < 1 MHz
Symbol
AC hFE COBO CIBO
Min
100 -----
Typ
250 6.0 8.0
Max
--8.0 30
Unit
--pF pF
Switching Characteristics
Saturated Turn On Switching Time to 90% 16V, 50 ohm input pulse Saturated Turn Off Switching Time to 10% 16V, 50 ohm input pulse
Symbol
tON tOFF
Min
-----
Typ
25 200
Max
45 300
Unit
ns ns


▲Up To Search▲   

 
Price & Availability of 2N2905AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X